Part Number Hot Search : 
56F80 EER90 LTM4613 003901 222MR 31006 MAX1535 C3950
Product Description
Full Text Search
 

To Download KSH13005A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSH13005A 0
KSH13005A
SEMIHOW REV.A1,Oct 2007
KSH13005A 0
KSH13005A
Switch Mode series NPN silicon Power Transistor
- High voltage, high speed power switching - Suitable for switching regulator, inverters motor controls
4 Amperes NPN Silicon Power Transistor 75 Watts
Absolute Maximum Ratings
CHARACTERISTICS
TC=25 unless otherwise noted SYMBOL VCBO VCEO VEBO IC ICP IB PC TJ TSTG RATING 700 400 9 4 8 2 75 150 -65~150 UNIT V V V A A A W
Collector-Base Voltage Collector-Emitter Collector Emitter Voltage Emitter-Base Voltage Collector Current(DC) Collector Current(Pulse) Base Current Collector Dissipation(Tc=25) Max. Operating Junction Temperature Storage Temperature
TO-220 1. Base 2. Collector 3. Emitter
12 3
Electrical Characteristics
CHARACTERISTICS
TC=25 unless otherwise noted SYMBOL VCEO IEBO hFE1 hFE2 VCE( ) (sat) Test Condition IC=10mA, IB=0 VEB=9V,IC=0 VCE=5V,IC=1A VCE=5V,IC=2A IC=1A,IB=0.2A 1A I 0 2A IC=2A,IB=0.5A IC=4A,IB=1A IC=1A,IB=0.2A IC=2A,IB=0.5A
VCB=10V, f=0.1MHz
Min 400
Typ.
Max
Unit V
Collector-Emitter Breakdown Voltage Emitter Cut-off Current *DC Current Gain *Collector-Emitter S *C ll Ei Saturation V l i Voltage
1 10 8 60 40 0.5 0 0.6 1 1.2 1.6 65 4 0.8 08 4.0 0.9
mA
V V V V V
*Base-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Turn T rn on Time Storage Time Fall Time
* Pulse Test: Pulse Width300s, Duty Cycle2%
VBE(sat) Cob fT ton tstg tF
VCE=10V,IC=0.5A Vcc=125V, Ic=2A IB1=0.4A, IB2= -0.4A RL=62.5
Note.
R hFE1 Classification O Y 19 ~ 28 26 ~ 35 33 ~ 40
Package Mark information.
S
YWW Z KSH13005A
S YWW Z
SemiHow Symbol
Y; year code, WW; week code
hFE1 Classification
SEMIHOW REV.A1,Oct 2007
KSH13005A 0
Typical Characteristics
SEMIHOW REV.A1,Oct 2007
KSH13005A 0
Typical Characteristics ( Continued )
SEMIHOW REV.A1,Oct 2007
KSH130 005A
Package Dimension
TOTO-220 (A)
9.90 0 20 9 900.20
60 3.
0 .2 0
4.50 4 500.20 1.300.20
15.700.20
2.800.20
9.190.20
6.500.20 0
1 13.080.20
0.800.20 2.54typ 2.54typ 0.500.20
3 3.020.20
1.270.20 1.520.20
2.400.20
Dimensions in Millimeters
SEMIHOW REV.A1,Oct 2007
KSH130 005A
Package Dimension
TOTO-220 (B)
0.20
84 3.
0 .2 0
4.570.20 1.270.20
15.440.20
2.740.20
9.140.20
6.300.20
2.670.20 13 0.20 3.28 1.270.20 2.6 0.20 67 2.54typ 2.54typ 0.810.20 0.400.20
Dimensions in Millimeters
SEMIHOW REV.A1,Oct 2007


▲Up To Search▲   

 
Price & Availability of KSH13005A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X